Part Number Hot Search : 
C1510 N3F20CA2 1N5453A XFMRS 2SC4684 CH5001A ST72F 599PR2C
Product Description
Full Text Search
 

To Download BAS70-04-HT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
BAS70-HT3 to BAS70-06-HT3
Vishay Semiconductors
Schottky Diodes
Features
* These diodes feature very low turn-on voltage and fast switching. * These devices are protected by a PN junction guard ring against excessive voltage, such as electrostatic discharges. * Space saving LiLiPut package
Top view
Pin 1
BAS70-HT3
3
BAS70-06-HT3
3
Mechanical Data
Case: LLP75-3B Plastic Package Molding Compound Flammability Rating: UL 94 V-0 Terminals: High temperature soldering guaranteed: 260 C/10 sec. at terminals Weight: 5 mg
1 2
Top View
1 2
BAS70-05-HT3
3
BAS70-04-HT3
3
Top View
1
17007
2
1
2
Parts Table
Part BAS70-HT3 BAS70-04-HT3 BAS70-05-HT3 BAS70-06-HT3 Ordering code BAS70-HT3-GS08 BAS70-04-HT3-GS08 BAS70-05-HT3-GS08 BAS70-06-HT3-GS08 73 74 75 76 Marking Remarks Tape and Reel Tape and Reel Tape and Reel Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Repetitive peak reverse voltage Forward continuous current Surge forward current Power dissipation Tamb = 25 C tp < 1 s, Tamb = 25 C Tamb = 25 C Test condition Symbol VRRM IF IFSM Ptot Value 70 200 600 200 Unit V mA mA mW
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Thermal resistance junction to ambient air Junction temperature Storage temperature range Test condition Symbol RJA Tj TS Value 430 125 - 55 to +125 Unit C C C
Document Number 85689 Rev. 3, 02-Jun-03
www.vishay.com 1
BAS70-HT3 to BAS70-06-HT3
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Reverse breakdown voltage Leakage current Forward voltage Capacitance Reverse recovery time Test condition IR = 10 A (pulsed) VR = 50 V, tp < 300 s tp < 300 s, IF = 1.0 mA tp < 300 s, IF = 15 mA VR = 0 V, f = 1 MHz IF = 10 mA, IR = 10 mA, Irr = 1 mA, RL = 100 Symbol V(BR)R IR VF VF Ctot trr 1.5 Min 70 20 100 410 1000 2 5 Typ. Max
VISHAY
Unit V nA mV mV pF ns
Package Dimensions in mm
18057
ISO Method E
www.vishay.com 2
Document Number 85689 Rev. 3, 02-Jun-03
VISHAY
BAS70-HT3 to BAS70-06-HT3
Vishay Semiconductors
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
Document Number 85689 Rev. 3, 02-Jun-03
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of BAS70-04-HT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X